Part Number Hot Search : 
TPQ5400 2SA1252 GRM155 8FE07 SAB9083H M13252DH 300N0 AN3404
Product Description
Full Text Search
 

To Download 2553 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  digital storage oscilloscopes 2550 series data sheet www.bkprecision.com technical data subject to change ? b&k precision corp. 2012 the 2550 series digital storage oscilloscopes provide high performance and value in 2-channel and 4-channel configurations. with bandwidth from 70 mhz to 300 mhz and 2 gsa/s sample rates, these oscilloscopes offer 24 kpts/ch waveform memory, 32 automatic measurements, and advanced triggering capabilities including math functions. engineered to allow you to see more of your signal under test, the 2550 series widescreen 7 tft display offers a significantly larger viewing area than typical economy oscilloscopes (5.7). maximize productivity with pc connectivity via lan and usb. the downloadable easyscope pc software lets you easily capture, save, and analyze measurement results. all oscilloscope parameters can be controlled via a pc without the need for programming. educators who want to teach waveform measurement fundamentals can benefit from the ability to disable the auto set button, a function that automatically sets up the scope to display a signal. the 2550 series oscilloscopes are ideal for applications in design and debug, service and repair, and education. features & benefits bandwidth up to 300 mhz 2 gsa/s sample rate 4-channel acquisition (on select models) large 7 widescreen color display fft including four additional math functions - add, subtract, multiply, and divide 32 automatic measurements 50 ? input coupling (200 mhz and 300 mhz models) standard lan (supports scpi) and usb device port (usbtmc compliant) for remote pc control front and rear panel usb host port for saving and recalling waveform setups, data, and screenshots on a usb flash drive pc control through easyscope software advanced tools include digital filters with adjustable limits, pass/fail testing and waveform recorder mode multi language user interface and context sensitive help model 2553 2555 2556 2557 2558 2559 bandwidth 70 mhz 100 mhz 200 mhz 300 mhz channels 4 2 4 2 4
www.bkprecision.com digital storage oscilloscopes models 2553, 2555, 2556, 2557, 2558, and 2559 2 w i d e s c r e e n d i s p l a y the 7" widescreen color display lets you see more of your signal. w a v e f o r m a n a l y s i s w i t h m a t h a n d f f t analyze your signals with add, subtract, multiply, and divide functions. view the signals frequency spectrum and perform harmonic distortion analysis. m e n u o n / o f f b u t t o n configure the menu parameters and hide the menu with the push of a button to view your signal in full screen. c o n t e x t s e n s i t i v e h e l p a pop up window will display the functionality of a control while help mode is active. a u t o s e t u p vertical, horizontal, and trigger controls are automatically adjusted for fast signal display. u s b h o s t p o r t connect your usb flash drive to conveniently store and recall wave- form data, setups, and screenshots. p r i n t b u t t o n simply press the print button to save a screenshot in bitmap format to a usb flash drive. i n t u i t i v e c h a n n e l o p e r a t i o n all channels in the 2550 series are clearly indicated by their own color, labeled on the input, knobs, and display. a d v a n c e d t r i g g e r i n g isolate the signal with advanced triggering including pulse width and selectable video trigger. k e n s i n g t o n s e c u r i t y s l o t helps to secure your oscilloscope and prevent theft. u s b h o s t p o r t additional usb port on rear for data storage to a usb flash drive. c o m m u n i c a t i o n lan and usb ports enable remote control from a pc. front panel rear panel
www.bkprecision.com digital storage oscilloscopes models 2553, 2555, 2556, 2557, 2558, and 2559 3 the tools you need display and measure the input signals frequency spectrum. select one of the 4 fft windows: rectangular, hanning, hamming, and blackman. use cursors to measure the spectral components magnitude and frequency. monitor and analyze long-term signal behavior by recording data continuously over an extensive period of time and playing it back for post acquisition analysis. data is recorded in a sequence of up to 2500 frames. minimize debug time by saving and recalling setups and waveforms from internal memory. save and recall up to 20 different oscilloscope setups and 20 different waveforms. filter out unwanted signal components such as various types of noise with built-in digital filters. choose from low-pass, high-pass, band-pass, and band-stop filters. generate user-defined pass/fail limits to quickly identify go/no go test results. use the oscilloscopes delayed sweep feature to zoom in a particular area of a signal in real time while viewing the entire captured waveform simultaneously. powerful measurement functions digital filtering waveform recorder delayed sweep/zoom large internal storage pass/fail testing filter off filter on
www.bkprecision.com digital storage oscilloscopes models 2553, 2555, 2556, 2557, 2558, and 2559 4 pc connectivity avoid limiting the bandwidth of your measurement system. all 2550 series models come standard with high bandwidth, slimline passive probes (one per channel) to help you get the most out of your scope. the included easyscope software provides seamless integration between the oscilloscope and pc. capture and transfer waveforms, screen images, setups and measurement results to a windows pc via the usb device port on the back of the instrument. a usb host port on the front and rear allows for quick and easy screen saving. model included probes 2553 four 150 mhz bandwidth, x1/x10 probes (model pr150b) 2555 four 150 mhz bandwidth, x1/x10 probes (model pr150b) 2556 two 250 mhz bandwidth, x10 probes (model pr250b) 2557 four 250 mhz bandwidth, x10 probes (model pr250b) 2558 two 500 mhz bandwidth, x10 probes (model pr500b) 2559 four 500 mhz bandwidth, x10 probes (model pr500b) features slim, stylish body snap-locking sprung hook easily replaceable tip large accessory set meets iec 61010-031 catii rohs compliant high bandwidth passive oscilloscope probes pr250b & pr500b pr150b
www.bkprecision.com digital storage oscilloscopes models 2553, 2555, 2556, 2557, 2558, and 2559 5 specifications 2553 2555 2556 2557 2558 2559 performance characteristics bandwidth 70 mhz 100 mhz 200 mhz 300 mhz real time sampling rate 2 gsa/s (half-channel interleaved) (1) , 1 gsa/s (per channel) channels 4 2 4 2 4 rise time < 5 ns < 3.5 ns < 1.8 ns < 1.2 ns ch to ch isolation (both channels in same v/div setting) >100:1 at 35 mhz >100:1 at 50 mhz >100:1 at 100 mhz >100:1 at 150 mhz max memory depth 24 kpts (half-channel interleaved) (1)(2) , 12 kpts (per channel) vertical resolution 8 bit vertical sensitivity 2 mv/div -10 v/div (1-2-5 order) dc gain accuracy 3.0%: 5 mv/div to 5 v/div in fixed gain ranges 4.0%: 2 mv/div in variable gain ranges maximum input voltage 400 v (dc+ac pk-pk, 1 m ? input impedance, x10), cat i, 5 vrms (50 ? input impedance) position range 2 mvC100 mv: 800 mv 102 mv C 5 v: 40 v bandwidth limit 20 mhz 40% (note: bw limited below 20 mhz when using probe in x1) horizontal scan range 5 ns/div C 50 s/div 2.5 ns/div C 50 s/div 1 ns/div C 50 s/div timebase accuracy 100 ppm measured over 1 ms interval input coupling ac, dc, gnd input impedance 1 m ? 2% || 13 pf 3 pf 1 m ? 2% || 13 pf 3 pf, 50 ? 2% vertical and horizontal zoom vertically or horizontally expand or compress a live or stopped waveform i/o interface usb front and rear usb host ports support usb flash drives, usbtmc compliant usb device port for connecting to pc lan supports scpi commands for remote control pass/fail pass/fail output acquisition modes sampling display sample data only peak detect capture the maximum and minimum values of a signal average waveform averaged, selectable from 4, 16, 32, 64, 128, 256 trigger system trigger types edge, pulse width, video*, slope, alternative *support signal formats: pal/secam, ntsc trigger condition: odd field, even field, all lines, or line number trigger modes auto, normal, single trigger coupling ac, dc, lf reject, hf reject trigger source ch1, ch2, ch3, ch4, ext, ext/5, ac line pulse width trigger trigger modes: positive pulse ( , , ), negative pulse ( , , ) slope trigger positive slope ( , , ), negative slope (, , ) time: 20 ns-10 s alternate trigger ch1 trigger type: edge, pulse, video, slope ch2 trigger type: edge, pulse, video, slope ch3 trigger type: edge, pulse, video, slope ch4 trigger type: edge, pulse, video, slope notes: (1) on 4-ch models, ch1 and ch2 are interleaved, and ch3 and ch4 are interleaved. half channel operation means that only ch1 or ch2 and/or only ch3 or ch4 is active. (2) when timebase is 25 ns or faster and maximum data depth mode is enabled.
v010713 6 www.bkprecision.com digital storage oscilloscopes models 2553, 2555, 2556, 2557, 2558, and 2559 specifications 2553 2555 2556 2557 2558 2559 hardware frequency counter reading resolution 6 digits accuracy 0.01% range dc couple, 10 hz to max bandwidth signal types satisfying all trigger signals (except pulse width trigger and video trigger) waveform math and measure math operation add, subtract, multiply, divide, fft fft window mode: hanning, hamming, blackman, rectangular sampling points: 1024 measure vpp, vmax, vmin, vamp, vtop, vbase, vavg, mean, crms, vrms, rov, fov, rpre, fpre, freq, period, rise time, fall time, bwid, + wid, - wid, + duty, - duty, phase, frr, frf, ffr, fff, lrr, lrf, lfr, lff cursors types voltage, time measurements v, t, 1/ t (frequency) display system display 7 in. color tft, 480 x 234 resolution, 64k color display contrast (typical state) 150:1 backlightiintensity (typical state) 300 nit wave display range 8 x 18 div wave display mode dots, vector persistence off, 1 sec, 2 sec, 5 sec, infinite menu display 2 sec, 5 sec, 10 sec, 20 sec, infinite screen-saver off, 1 min, 2 min, 5 min, 10 min, 15 min, 30 min, 1 hr, 2 hr, 5 hr waveform interpolation sin(x)/x, linear color mode normal, invert environmental and safety temperature operating: 50 f to 104 f (10 c to +40 c) not operating: -4 f to 140 f (-20 c to +60 c) humidity operating: 85%rh, 104 f (40 c), 24 hours not operating: 85%rh, 149 f (65 c), 24 hours altitude operating: 9,842.5 ft (3,000 m) not operating: 50,085.3 ft (15,266 m) electromagnetic compatibility emc directive 2004/108/ec, en61326:2006 safety low voltage directive 2006/95/ec, en61010-1:2001 general power requirements 100-240 vac, cat ii, 50 va max, 45 hz to 440 hz dimensions (w x h x d) 14.1 x 6.14 x 4.65 (358 x 156 x 118 mm) weight 4-channel models: approx. 9.9 lbs (4.5 kg) 2-channel models: approx. 9.5 lbs (4.3 kg) three-year warranty supplied accessories user manual, passive probes (one per channel), power cord, certificate of calibration, usb (type a to b) communication cable


▲Up To Search▲   

 
Price & Availability of 2553

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X